Part Number Hot Search : 
F2026 UPD16682 VSMP1206 OZ9938G FQP6N50 MAX170 C720009 P10N10M
Product Description
Full Text Search
 

To Download P1803AALXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
SIDACtor Balanced Series - Modified TO-220
Description The SIDACtor(R) Balanced Series are designed to protect baseband equipment from damaging overvoltage balanced overvoltage protection. The series provides a single port through-hole solution that enables voice through DS-1 equipment to comply with various global requlatory standards. Features and Benefits Low voltage overshoot Agency Approvals
Agency Agency File Number E133083
Low Capacitance Balanced overvoltage protection Single port protection Custom lead forms available
Low on-state voltage Does not degrade with use Fails short circuit when surged in excess of ratings Applicable Global Standards TIA-968-A TIA-968-B
PIN 1 PIN 2 PIN 3
Pinout Designation
GR 1089 Intra-building IEC 61000-4-5 YD/T 1082 YD/T 993 YD/T 950
Schematic Symbol
1
(T)
ITU K.20/21 Enhanced Level* ITU K.20/21 Basic Level
3
(R)
GR 1089 Inter-building*
*A/B-rated parts require series resistance
(G)
2
Electrical Characteristics
VS VDRM VS VDRM @lDRM=5A @100V/s @lDRM=5A @100V/s V min V max V min V max Pins 1-2, 3-2 P1553AALxx P1803AALXX P2103AALxx P2353AALxx P2703AALxx P3203AALxx P3403AALxx P5103AALxx P1553ABLxx P1803ABLxx P2103ABLxx P1553AA P1803AA P2103AA P2353AA P2703AA P3203AA P3403AA P5103AA P1553AB P1803AB P2103AB 130 150 170 200 230 270 300 420 130 150 170 180 210 250 270 300 350 400 600 180 210 250 130 150 170 200 230 270 300 420 130 150 170 Pins 1-3 180 210 250 270 300 350 400 600 180 210 250 IH mA min 150 150 150 150 150 150 150 150 150 150 150 IS mA max 800 800 800 800 800 800 800 800 800 800 800 IT A max 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 VT@IT= 2.2 Amps Capacitance V max 8 8 8 8 8 See Capacitance 8 Values table 8 8 8 8 8 Table continues on next page.
Part Number
Marking
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
171 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Part Number
Marking
VS VDRM VS VDRM @lDRM=5A @100V/s @lDRM=5A @100V/s V min 200 230 270 300 420 130 150 170 200 230 270 300 420 V max 270 300 350 400 600 180 210 250 270 300 350 400 600 V min 200 230 270 300 420 130 150 170 200 230 270 300 420 V max 270 300 350 400 600 180 210 250 270 300 350 400 600 Pins 1-2, 3-2 Pins 1-3
IH mA min 150 150 150 150 150 150 150 150 150 150 150 150 150
IS mA max 800 800 800 800 800 800 800 800 800 800 800 800 800
IT A max 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2
VT@IT= 2.2 Amps Capacitance V max 8 8 8 8 8 8 8 8 8 8 8 8 8
P2353ABLxx P2703ABLxx P3203ABLxx P3403ABLxx P5103ABLxx P1553ACLxx P1803ACLxx P2103ACLxx P2353ACLxx P2703ACLxx P3203ACLxx P3403ACLxx P5103ACLxx
P2353AB P2703AB P3203AB P3403AB P5103AB P1553AC P1803AC P2103AC P2353AC P2703AC P3203AC P3403AC P5103AC
See Capacitance Values table
Notes: - Absolute maximum ratings measured at TA= 25C. - Devices are bi-directional. - XX Part Number Suffix: `RP' (Reel Pack), Blank (Bulk Pack), or `60' (Type 60 lead form, Bulk Pack)
Capacitance Values
pF Pin 1-2 / 3-2 Tip-Ground, Ring-Ground MIN MAX 10 45 20 40 15 35 15 35 15 35 15 30 15 30 10 60 25 95 25 85 20 85 20 75 pF Pin 1-3 Tip-Ring MIN MAX 10 30 10 30 10 25 10 25 10 25 10 20 10 20 10 40 15 60 15 55 10 55 15 50 pF Pin 1-2 / 3-2 Part Number Tip-Ground, Ring-Ground P2703ABLxx P3203ABLxx P3403ABLxx P5103ABLxx P1553ACLxx P1803ACLxx P2103ACLxx P2353ACLxx P2703ACLxx P3203ACLxx P3403ACLxx P5103ACLxx MIN 20 20 15 15 30 30 30 25 25 25 20 20 MAX 75 70 65 60 95 85 85 75 75 70 65 60 MIN 10 10 10 10 20 15 15 15 15 15 15 10 pF Pin 1-3 Tip-Ring MAX 50 45 45 40 60 55 55 50 50 45 45 40
Part Number P1553AALxx P1803AALXX P2103AALxx P2353AALxx P2703AALxx P3203AALxx P3403AALxx P5103AALxx P1553ABLxx P1803ABLxx P2103ABLxx P2353ABLxx
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Surge Ratings
IPP Series 0.2x310 0.5x700 2
1
2x10 2x10 2
1
8x20 1.2x50 2
1
10x160 10x160 2
1
10x560 1 10x560 2 A min 50 100 150
5x320 1 9x720 2 A min 75 100 200
10x360 1 10x360 2 A min 75 125 175
10x1000 1 10x1000 2 A min 45 80 100
5x310 1 10x700 2 A min 75 100 200
ITSM 50/60 Hz A min 20 25 50
di/dt A A/s max 500 500 500
A min A B C
Notes: 1 Current waveform in s 2 Voltage waveform in s
A min 150 250 500
A min 150 250 400
A min 90 150 200
20 25 50
- Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product. - IPP - The device must initially be in thermal equilibrium with -40C < TJ <
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
172 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Thermal Considerations
Package Modified TO-220 Symbol TJ TS
PIN 1 PIN 2 PIN 3
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value
Unit C C
R0JA
50
C/W
V-I Characteristics
+I
tr x td Pulse Waveform
tr = rise time to peak value td = decay time to half value
IPP - Peak Pulse Current - %IPP
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
Waveform = tr x td
50
Half Value
0 0
-I
tr
td t - Time (s)
Normalized VS Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
2.0
14
Percent of VS Change - %
10 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
IH (TC = 25C)
12
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
-40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25C
Ratio of
Junction Temperature (TJ) - C
Case Temperature (TC) - C
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
173 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Soldering Parameters
Reflow Condition
- Temperature Min (Ts(min))
Pb-Free assembly (see Fig. 1)
Figure 1
Pre Heat
- Temperature Max (Ts(max)) - Time (Min to Max) (ts)
TP
Ramp-up
tP
Critical Zone TL to TP
60-180 secs.
Temperature
Average ramp up rate (Liquidus Temp (TL) to peak) TS(max) to TL - Ramp-up Rate Reflow
- Temperature (TL) (Liquidus) - Temperature (tL)
TL TS(max)
Preheat
3C/sec. Max. 3C/sec. Max. 60-150 secs.
tL
Ramp-down
TS(min)
tS
Peak Temp (TP) Time within 5C of actual Peak Temp (tp) Ramp-down Rate Time 25C to Peak Temp (TP) Do not exceed 30 secs. Max. 6C/sec. Max. 8 min. Max.
25 time to peak temperature (t 25C to peak)
Time
Physical Specifications
Environmental Specifications
High Temp Voltage Blocking 80% Rated VDRM (VAC Peak 504 or 1008 hrs. MIL-STD-750 (Method 1040) JEDEC, JESD22-A-101 cycles. MIL-STD-750 (Method 1051) EIA/JEDEC, JESD22-A104 52 VDC JEDEC, JESD22-A-101 JEDEC, JESD22-A-101 -65C, 1008 hrs. 10 cycles. MIL-STD-750 (Method 1056) JEDEC, JESD22-A-106 JEDEC, JESD22-A-102
Lead Material Terminal Finish Body Material
Copper Alloy 100% Matte-Tin Plated
Temp Cycling
UL recognized epoxy meeting flammability classification 94V-0
Biased Temp & Humidity High Temp Storage Low Temp Storage Thermal Shock Autoclave (Pressure Cooker Test) Resistance to Solder Heat Moisture Sensitivity Level
Part Numbering
Part Marking
XXXXXXXXX
PACKING STYLE
Blank: Bulk RP: Reel Pack 60: Type 60 Lead Form (for Type 60 orders, contact factory)
P xxx 3 A x L xx
TYPE P = SIDACtor MEDIAN VOLTAGE CONSTRUCTION VARIABLE PACKAGE TYPE
Part Marking Code
(Refer to Electrical Characteristics Table)
xxxxx
Date Code
RoHS COMPLIANT IPP RATING
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
174 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Dimensions - Modified TO-220
A O
Tape and Reel Specification -- Modified TO-220
Inches Min Max
0.410 0.375 0.130 0.575 0.035 0.205 0.105 0.075 0.085 0.024 0.188 0.310
Millimeters Min
9.14 2.80 0.63 4.95 2.41 1.52 1.78 0.46 4.52 7 .37
Max
1.626 (41.15)
0.240 (6.10)
0.019 (0.5) 0.750 0.010 (19.05 0.25) 0.360 (9.14)
0.500 (12.7)
D
A
F Temperature Measurement Point P PIN 3 PIN 2 PIN 1 L K H J M N
0.400 0.360 0.110 0.540 0.025 0.195 0.095 0.060 0.070 0.018 0.178 0.290
10.16 10.42 9.53 3.30 0.89 5.21 2.67 1.90 2.16 0.61 4.78 7 .87
D F G H J K L M
0.720 (18.29)
G
13.71 14.61
0.100 (2.54)
0.100 (2.54)
14.173 (360.0) Dimensions are in inches (and millimeters).
Direction of Feed
The modified TO-220 package is designed to meet mechanical standards as set forth in JEDEC publication number 95.
N O P
1.968 (50.0)
Packing Options
Package Type Packaging Quantity 700 500
Description Modified TO-220 Tape and Reel Pack
Added Suffix RP N/A (no suffix required) 60 (special order item, contact factory for details)
Industry Standard
EIA-468-B EIA-468-B
A
Modified TO-220 Bulk Pack Modified TO-220 Type 60 Lead Form Bulk Pack
500
N/A
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
175 Revised: February 22, 2011


▲Up To Search▲   

 
Price & Availability of P1803AALXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X